Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 12 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 12 Page - Micronas

Back Button HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
12
Sept. 19, 2013; APN000046_03EN
Micronas
3. Usage of the Hall Programmer V 5.1
3.1.
Tips for Safe Programming of the Sensors
The Hall programmer board V 5.1 generates all voltage levels according to the specifi-
cation of the serial protocol.
VPROG
external generation
In case of the sensors HAL805, HAL815, HAL817, HAL810, HAL824, HAL825,
HAL830, HAL835, HAL880, HAL1000 and HAL1002 the programming voltage VPROG
(which is necessary for the permanent storing of the data in the EEPROM memory) has
to be generated externally, i.e. by the programmer board. If VPROG is out of the specifi-
cation limits, the programming of the EEPROM memory may be insufficient and the
reliability of the sensor may be reduced. Hence, the Hall programmer board V 5.1 is
equipped with an on-board A/D-converter which reads back the programming voltage
VPROG. The A/D-converter is polled every 80 µs.
If VPROG drops below 12.4 V, an error flag is set and the ERROR LED on the program-
mer board ignites. Please ensure that your software evaluates the error flags (see
Section 2.7).
VPROG
internal generation
In case of the sensors HAL855 and HAL856, the programming voltage is generated
internally. The supply voltage of the Hall sensor during programming must be 5.0 V.
The width of both pulses (erase and prom) is defined by the programmer board. In case
a customer-specific software is implemented, please ensure that the programming time
is set to 100 ms.
We recommend supervising the programming process and verification of the results
after programming the sensors (see Table 3–1).
Note: The programming voltage VPROG is measured at the output of the Hall program-
mer board. However, this measurement cannot consider any voltage drop which
may occur between the Hall programmer board and the Hall sensor.
The voltage drop between the programmer board and the Hall sensor must not
exceed 50 mV.
Please ensure that the Hall sensor and the programmer board are connected
low resistively to a common ground.
Note: Electrostatic discharges (ESD) may disturb the programming pulses. Please
take precautions against ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com