Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 24 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 24 Page - Micronas

Back Button HAL856 Datasheet HTML 20Page - Micronas HAL856 Datasheet HTML 21Page - Micronas HAL856 Datasheet HTML 22Page - Micronas HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
24
Sept. 19, 2013; APN000046_03EN
Micronas
4.3.3.
Telegram Codes
Sync Bit
Each telegram starts with the Sync bit. This logical “0” pulse defines the exact timing for
tp0.
Command Bits (COM)
The Command code contains 3 bits and is a binary number. Table 4–4 shows the avail-
able commands and the corresponding codes for the HAL805, HAL815, HAL817 and
HAL1000.
Command Parity Bit
(CP)
This Parity bit is “1” if the number of zeros within the 3 Command bits is uneven. The
Parity bit is “0”, if the number of zeros is even.
Address Bits (ADR)
The Address code contains 4 bits and is a binary number. Table 4–5 shows the avail-
able addresses for the HAL805, HAL815, HAL817 and HAL1000 registers.
Address Parity Bit (AP)
This Parity bit is “1” if the number of zeros within the 4 Address bits is uneven. The Par-
ity bit is “0” if the number of zeros is even.
Data Bits (DAT)
The 14 Data bits contain the register information.
The registers use a different number formats for the Data bits. These formats are
explained in Section 4.3.4
In the Write command, the last bits are valid. If, for example, the TC register (6 bits) is
written, only the last 6 bits are valid.
In the Read command, the first bits are valid. If, for example, the TC register (6 bits) is
read, only the first 6 bits are valid.
Data Parity Bit (DP)
This parity bit is “1” if the number of zeros within the binary number is even. The parity
bit is “0” if the number of zeros is uneven.
Acknowledge
After each telegram, the output answers with the Acknowledge signal. This logical “0”
pulse defines the exact timing for tpOUT.
Table 4–4:
Available commands
Command
Code
Explanation
READ
2
read a register
WRITE
3
write a register
PROM
4
program all nonvolatile registers (except the lock bits)
ERASE
5
erase all nonvolatile registers (except the lock bits)
LOCK
7
lock the whole device and switch permanently to the analog-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com