Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 66 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 66 Page - Micronas

Back Button HAL856 Datasheet HTML 62Page - Micronas HAL856 Datasheet HTML 63Page - Micronas HAL856 Datasheet HTML 64Page - Micronas HAL856 Datasheet HTML 65Page - Micronas HAL856 Datasheet HTML 66Page - Micronas HAL856 Datasheet HTML 67Page - Micronas HAL856 Datasheet HTML 68Page - Micronas HAL856 Datasheet HTML 69Page - Micronas HAL856 Datasheet HTML 70Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
66
Sept. 19, 2013; APN000046_03EN
Micronas
6.2.1.
Monitoring of the Supply Voltage
In case of ERASE, PROM, and LOCK, the supply voltage is measured by the board,
and a data string is sent back to the PC. The relation between the data and the supply
voltage is
If the supply voltage is out of the specification limits, the status bit is set to “1”.
Examples:
–VPROG = 4.80 V, Data board  PC:
STX 1 0 5 2 6 0 ETX
(DAT = 0 5 2 6)
–VPROG = 5.00 V, Data board  PC:
STX 0 0 5 5 D 0 ETX
(DAT = 0 5 5 D)
V
PROG
DAT
4095
------------ 6 2.485 V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com