Electronic Components Datasheet Search
  English  ▼

X  

STB120N10F4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB120N10F4
Description  N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N10F4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB120N10F4 Datasheet HTML 3Page - STMicroelectronics STB120N10F4 Datasheet HTML 4Page - STMicroelectronics STB120N10F4 Datasheet HTML 5Page - STMicroelectronics STB120N10F4 Datasheet HTML 6Page - STMicroelectronics STB120N10F4 Datasheet HTML 7Page - STMicroelectronics STB120N10F4 Datasheet HTML 8Page - STMicroelectronics STB120N10F4 Datasheet HTML 9Page - STMicroelectronics STB120N10F4 Datasheet HTML 10Page - STMicroelectronics STB120N10F4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID026168 Rev 1
7/18
STB120N10F4, STP120N10F4
Electrical characteristics
18
Figure 8. Capacitance variations
Figure 9. Source-drain diode forward
characteristics
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized V(BR)DSS vs temperature
VSD
0
40
ISD(A)
(V)
20
100
60
80
0.5
0.6
0.7
0.8
0.9
1
TJ=-50°C
TJ=150°C
TJ=25°C
AM15511v1
VGS(th)
0.8
0.6
0.4
0.2
-75
-25
TJ(°C)
(norm)
1
75
25
1.2
125
ID=250
µA
AM15508v1
RDS(on)
2
1
0
TJ(°C)
(norm)
0.5
1.5
2.5
-75
-25
75
25
125
VGS=10 V
ID=60 A
AM15509v1
V(BR)DSS
TJ(°C)
(norm)
0.85
0.9
0.95
1
1.05
1.1
1.15
-75
-25
75
25
125
ID=250
µA
AM15510v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com