Electronic Components Datasheet Search
  English  ▼

X  

STB120N10F4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB120N10F4
Description  N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N10F4 Datasheet(HTML) 3 Page - STMicroelectronics

  STB120N10F4 Datasheet HTML 1Page - STMicroelectronics STB120N10F4 Datasheet HTML 2Page - STMicroelectronics STB120N10F4 Datasheet HTML 3Page - STMicroelectronics STB120N10F4 Datasheet HTML 4Page - STMicroelectronics STB120N10F4 Datasheet HTML 5Page - STMicroelectronics STB120N10F4 Datasheet HTML 6Page - STMicroelectronics STB120N10F4 Datasheet HTML 7Page - STMicroelectronics STB120N10F4 Datasheet HTML 8Page - STMicroelectronics STB120N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID026168 Rev 1
3/18
STB120N10F4, STP120N10F4
Electrical ratings
18
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
100
V
V
GS
Gate-source voltage
± 20
V
I
D
Drain current (continuous) at T
C
= 25 °C
120
A
I
D
Drain current (continuous) at T
C
= 100 °C
85
A
I
DM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
390
A
P
TOT
Total dissipation at T
C
= 25 °C
300
W
Derating factor
2
W/°C
E
AS
(2)
2.
Starting T
j
= 25 °C, I
D
= 65 A, V
DD
= 50 V
Single pulse avalanche energy
215
mJ
T
stg
Storage temperature
– 55 to 175
°C
T
j
Max. operating junction temperature
Table 3. Thermal data
Symbol
Parameter
Value
Unit
D2PAK
TO-220
R
thj-case
Thermal resistance junction-case max
0.5
°C/W
R
thj-pcb
Thermal resistance junction-pcb max
35
°C/W
R
thj-amb
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com