Electronic Components Datasheet Search
  English  ▼

X  

STB120N10F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB120N10F4
Description  N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N10F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB120N10F4 Datasheet HTML 1Page - STMicroelectronics STB120N10F4 Datasheet HTML 2Page - STMicroelectronics STB120N10F4 Datasheet HTML 3Page - STMicroelectronics STB120N10F4 Datasheet HTML 4Page - STMicroelectronics STB120N10F4 Datasheet HTML 5Page - STMicroelectronics STB120N10F4 Datasheet HTML 6Page - STMicroelectronics STB120N10F4 Datasheet HTML 7Page - STMicroelectronics STB120N10F4 Datasheet HTML 8Page - STMicroelectronics STB120N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
April 2014
DocID026168 Rev 1
1/18
STB120N10F4,
STP120N10F4
N-channel 100 V, 8 m
Ω typ., 120 A, STripFET™ DeepGATE™
Power MOSFETs in D
2
PAK and TO-220 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• N-channel enhancement mode
• Very low on-resistance
• Low gate charge
• 100% avalanche rated
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using ST’s STripFET™ DeepGATE™
technology. The devices have a new gate
structure and are specially designed to minimize
on-state resistance to provide superior switching
performance.
TO-220
1
2
3
TAB
1
3
TAB
D PAK
2
Order codes
VDS
RDS(on) max.
ID
STB120N10F4
100 V
10 m
Ω
120 A
STP120N10F4
Table 1. Device summary
Order codes
Marking
Packages
Packaging
STB120N10F4
120N10F4
D
2
PAK
Tape and reel
STP120N10F4
TO-220
Tube
www.st.com


Similar Part No. - STB120N10F4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB120N10F4 ISC-STB120N10F4 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB120N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STP85NF55 STMICROELECTRONICS-STP85NF55_V01 Datasheet
929Kb / 18P
Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
16-Jan-2019
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com