Electronic Components Datasheet Search
  English  ▼

X  

STB120N10F4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB120N10F4
Description  N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N10F4 Datasheet(HTML) 4 Page - STMicroelectronics

  STB120N10F4 Datasheet HTML 1Page - STMicroelectronics STB120N10F4 Datasheet HTML 2Page - STMicroelectronics STB120N10F4 Datasheet HTML 3Page - STMicroelectronics STB120N10F4 Datasheet HTML 4Page - STMicroelectronics STB120N10F4 Datasheet HTML 5Page - STMicroelectronics STB120N10F4 Datasheet HTML 6Page - STMicroelectronics STB120N10F4 Datasheet HTML 7Page - STMicroelectronics STB120N10F4 Datasheet HTML 8Page - STMicroelectronics STB120N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STB120N10F4, STP120N10F4
4/18
DocID026168 Rev 1
2
Electrical characteristics
(T
CASE
= 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
Breakdown voltage
I
D
= 250 μA, V
GS
= 0
100
V
I
DSS
Zero gate voltage
Drain current (V
GS
= 0)
V
DS
= 100 V
1
μA
V
DS
= 100 V,T
C
=125 °C
100
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 20 V
±100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA2
4
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 60 A
8
10
m
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 25 V, f = 1 MHz,
V
GS
= 0
-
7290
-
pF
C
oss
Output capacitance
-
568
-
pF
C
rss
Reverse transfer
capacitance
-
387
-
pF
Q
g
Total gate charge
V
DD
= 50 V, I
D
= 120 A,
V
GS
= 10 V
(see Figure 14)
-
131
-
nC
Q
gs
Gate-source charge
-
40
-
nC
Q
gd
Gate-drain charge
-
37
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 50 V, I
D
= 60 A
R
G
=4.7
Ω V
GS
= 10 V
(see Figure 13)
-32
-
ns
t
r
Rise time
-
116
-
ns
t
d(off)
Turn-off-delay time
V
DD
= 50 V, I
D
= 60 A,
R
G
=4.7
Ω, V
GS
= 10 V
(see Figure 13)
-
111
-
ns
t
f
Fall time
-
79
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com