Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2861 Datasheet HTML 1Page - RF Micro Devices RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
8-4
RF2861
Rev A2 040107
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
TX (Local Oscillator)
Buffer Output
Cellular - CDMA or FM
Output Power
-7
-5
-3
dBm
Single-ended 50
Ω load
Output Frequency
685
710
MHz
IF=184MHz
1053
1078
MHz
IF=184MHz
784
809
MHz
IF=85MHz
954
979
MHz
IF=85MHz
Current Consumption
2
mA
Cellular - JCDMA
Output Power
-7
-5
-3
dBm
Single-ended 50
Ω load
Output Frequency
722
760
MHz
IF=110MHz
942
980
MHz
IF=110MHz
Current Consumption
2
mA
CDMA450
Output Power
-7
-5
-3
dBm
Single-ended 50
Ω load
Output Frequency
505
575
MHz
IF=85MHz
Current Consumption
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com