Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2861 Datasheet HTML 1Page - RF Micro Devices RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8-5
RF2861
Rev A2 040107
Gain Control Logic Table
Cell Band Cascaded Performance High Mixer Gain Nominal IIP3 (Typical Values for VCC=2.75V)
NOTE: All total current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
Cell Band Cascaded Performance Nominal Mixer Gain High IIP3 (Typical Values for VCC=2.75V)
CDMA450 Band Cascaded Performance (Typical Values for VCC=2.75V)
Gain State
ENABLE
G1
G2
High Gain
1
0
0
Mid Gain
110
Low Gain
111
Low Gain (alternate)
1
0
1
NOTES: All IDC current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
TX Buffer On: Add 2mA to total current.
Parameter
CELL CDMA
LNA (High Gain)
LNA (Mid Gain)
LNA (Low Gain)
Cascaded:
Gain (dB)
25.0
16.5
8.0
Noise Figure (dB)
2.1
6.3
12.5
Input IP3 (dBm)
-5.6
+2.0
+11.4
Total Current (mA)
25.0
21.5
18.0
NOTE: Assumes 2.5dB image filter insertion loss. The TX Buffer is off.
Parameter
CELL CDMA
LNA (High Gain)
LNA (Mid Gain)
LNA (Low Gain)
Cascaded:
Gain (dB)
22.5
14.0
5.5
Noise Figure (dB)
2.1
6.3
12.5
Input IP3 (dBm)
-3.7
+3.5
+13.3
Total Current (mA)
25.0
21.5
18.0
NOTE: Assumes 2.5dB image filter insertion loss. The TX Buffer is off.
Parameter
CDMA450
LNA (High Gain)
LNA (Mid Gain)
LNA (Low Gain)
Cascaded:
Gain (dB)
24.5
12.0
5.5
Noise Figure (dB)
2.2
8.5
14.0
Input IP3 (dBm)
-7.6
+4.5
+11.3
Total Current (mA)
29.5
25
21
NOTE: Assumes 2.5dB image filter insertion loss. The TX Buffer is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com