Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices RF2861 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
8-6
RF2861
Rev A2 040107
Pin
Function
Type Description
Interface Schematic
1G2
DI
Gain control logic input. See logic control table.
2
LNA IN
AI
Cellular LNA input.
3LNA
EMITTER
AO
Cellular LNA emitter. A small inductor connects this pin to
ground. Cellular LNA gain can be adjusted by the inductance.
See pin 2.
4LNA OUT
AO
Cellular LNA output. Simple external L-C components
required for matching and VCC supply.
See pin 2.
5
ISET2
AO
An external resistor connected to this pin sets the current of
the mixer. Increasing resistance decreases current.
6
ISET1
AO
An external resistor connected to this pin sets the current of
the LNA. Increasing resistance decreases current.
7G1
DI
Gain control logic input. See logic control table.
8
MIX IN
AI
Cellular mixer RF single-end input.
9
IF OUT+
AO
CDMA IF output. Open collector.
10
IF OUT-
AO
CDMA IF output. Open collector.
See pin 9.
11
GND
P
Ground.
12
LO IN
AI
LO single-end input. Matched to 50
Ω.
13
VCC
P
LO amplifier VCC external bypass capacitor may be required.
14
LO OUT
AO
LO output. Internal DC block. Drives 50
Ω.
15
TX BUFF
ENABLE
DI
Logic input. High enables TX LO output buffer amplifiers.
16
ENABLE
DI
Logic input. Low level powers down the IC.
Pkg
Base
GND
P
Ground connection. The backside of the package should be
soldered to a top side ground pad which is connected to the
ground plane with multiple vias.
Legend:
DI=Digital Input from Baseband Chip
AI=Analog Input
P=VCC or GND
AO=Analog Output
G2
LNA IN
V
CC
LNA OUT
LNA EMITTER
G1
MIX IN
IF OUT+
IF OUT-
LO IN
70
Ω
TX BUFF ENABLE
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com