Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices RF2861 Datasheet HTML 10Page - RF Micro Devices RF2861 Datasheet HTML 11Page - RF Micro Devices RF2861 Datasheet HTML 12Page - RF Micro Devices RF2861 Datasheet HTML 13Page - RF Micro Devices RF2861 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8-10
RF2861
Rev A2 040107
Evaluation Board Schematic
C35
R2
L11
C17
L17
2.2 nH
TX BUFF
ENABLE
ENABLE
L24
1.2 nH
L21
10 nH
C9
22.0 nH
R6
9.1 k
Ω
R4
20.0 k
Ω
L3
DNI
C2
33 nF
C25
33 nF
C6
33 nF
C7
33 nF
8
7
6
5
3
4
1
2
13
14
15
16
10
9
12
11
G1
L1
33 nH
C4
33 nF
C1
33 nF
C8
1 pF
J3
CELL MIX IN
VCC
3.9 pF
J2
CELL LNA OUT
J1
CELL LNA IN
C55
33 nF
G2
C54
33 nF
C46
33 nF
J6
LO OUT
VCC
J5
LO IN
C3
C5
L6
VCC
C22
J4
CDMA IF
DNI
DNI
C35
(pF)
85
184
Freq IF
(MHz)
965
1064
Freq LO
(MHz)
47
13
C3
(pF)
47
13
C5
(pF)
150
82
L11
(nH)
180
150
L6
(nH)
33
33
C22
(nF)
8
11
C17
(pF)
5.1
2.7
R2
(k
Ω)
P1
1
2
3
CON3
P1-1
VCC1
GND
GND
C20
1 uF
+
P2
1
2
3
4
CON4
P2-4
G2
P2-3
G1
P2-2
TX BUF EN
P2-1
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com