Electronic Components Datasheet Search
  English  ▼

X  

STF11N65K3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF11N65K3
Description  Gate charge minimized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65K3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF11N65K3 Datasheet HTML 2Page - STMicroelectronics STF11N65K3 Datasheet HTML 3Page - STMicroelectronics STF11N65K3 Datasheet HTML 4Page - STMicroelectronics STF11N65K3 Datasheet HTML 5Page - STMicroelectronics STF11N65K3 Datasheet HTML 6Page - STMicroelectronics STF11N65K3 Datasheet HTML 7Page - STMicroelectronics STF11N65K3 Datasheet HTML 8Page - STMicroelectronics STF11N65K3 Datasheet HTML 9Page - STMicroelectronics STF11N65K3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STF11N65K3
6/13
Doc ID 17931 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM03922v1
ID
6
4
2
0
0
10
VDS(V)
20
(A)
8
10
5V
6V
7V
VGS=10V
12
14
16
18
AM03923v1
ID
3
2
1
0
1
4
VGS(V)
8
(A)
2
6
4
5
3
5
7
9
6
7
8
9
10
11
12
VDS=25V
AM03924v1
BVDSS
-75
-25
TJ(°C)
(norm)
-50
75
25 50
100
0.90
0.95
1.00
1.05
1.10
125 150
0
ID = 1mA
AM03925v1
RDS(on)
0.75
0.70
0.65
0.60
0
2
ID(A)
(
Ω)
1
3
0.80
0.85
0.90
0.95
4
5
6
7
AM03926v1
VGS = 10V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com