Electronic Components Datasheet Search
  English  ▼

X  

STF11N65K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF11N65K3
Description  Gate charge minimized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF11N65K3 Datasheet HTML 3Page - STMicroelectronics STF11N65K3 Datasheet HTML 4Page - STMicroelectronics STF11N65K3 Datasheet HTML 5Page - STMicroelectronics STF11N65K3 Datasheet HTML 6Page - STMicroelectronics STF11N65K3 Datasheet HTML 7Page - STMicroelectronics STF11N65K3 Datasheet HTML 8Page - STMicroelectronics STF11N65K3 Datasheet HTML 9Page - STMicroelectronics STF11N65K3 Datasheet HTML 10Page - STMicroelectronics STF11N65K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STF11N65K3
Electrical characteristics
Doc ID 17931 Rev 2
7/13
Figure 8.
Output capacitance stored energy
Figure 9.
Capacitance variations
Figure 10.
Gate charge vs gate-source
voltage
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Maximum avalanche energy vs
temperature
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200
300
5
6
500
600
7
8
AM03929v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM03928v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=520V
ID=7A
50
12
300
200
100
0
400
500
VDS
VGS
AM03927v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100 125 150
2.5
0.0
AM03931v1
VDS = 10V
ID = 3.6A
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25 50
100 125 150
AM03930v1
ID = 100µA
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
20
40
60
80
120 140
100
120
140
160
180
200
220
ID=7.2 A
VDD=50 V
AM03933v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com