Electronic Components Datasheet Search
  English  ▼

X  

STF11N65K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF11N65K3
Description  Gate charge minimized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STF11N65K3 Datasheet HTML 1Page - STMicroelectronics STF11N65K3 Datasheet HTML 2Page - STMicroelectronics STF11N65K3 Datasheet HTML 3Page - STMicroelectronics STF11N65K3 Datasheet HTML 4Page - STMicroelectronics STF11N65K3 Datasheet HTML 5Page - STMicroelectronics STF11N65K3 Datasheet HTML 6Page - STMicroelectronics STF11N65K3 Datasheet HTML 7Page - STMicroelectronics STF11N65K3 Datasheet HTML 8Page - STMicroelectronics STF11N65K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STF11N65K3
Electrical ratings
Doc ID 17931 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain source voltage (VGS=0)
650
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
11
A
ID
Drain current (continuous) at TC = 100 °C
6.3
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
40
A
PTOT
Total dissipation at TC = 25 °C
35
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
7.2
A
EAS
Single pulse avalanche energy (2)
2.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V
212
mJ
Derating factor
0.28
W/°C
dv/dt (3)
3.
ISD ≤11 A, di/dt ≤400 A/µs, VDD = 80% V(BR)DSS, VDS peak < V(BR)DSS
Peak diode recovery voltage slope
12
V/ns
VESD(G-S) G-S ESD (HBM C=100 pF, R=1.5 kΩ)
2500
V
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t=1 s;TC=25 °C)
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
3.57
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com