Electronic Components Datasheet Search
  English  ▼

X  

STF11N65K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF11N65K3
Description  Gate charge minimized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STF11N65K3 Datasheet HTML 1Page - STMicroelectronics STF11N65K3 Datasheet HTML 2Page - STMicroelectronics STF11N65K3 Datasheet HTML 3Page - STMicroelectronics STF11N65K3 Datasheet HTML 4Page - STMicroelectronics STF11N65K3 Datasheet HTML 5Page - STMicroelectronics STF11N65K3 Datasheet HTML 6Page - STMicroelectronics STF11N65K3 Datasheet HTML 7Page - STMicroelectronics STF11N65K3 Datasheet HTML 8Page - STMicroelectronics STF11N65K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2011
Doc ID 17931 Rev 2
1/13
13
STF11N65K3
N-channel 650 V, 0.765
Ω, 11 A, TO-220FP
SuperMESH3™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Applications
■ Switching applications
Description
This device is an N-channel Zener-protected
SuperMESH3™ Power MOSFET developed
using STMicroelectronics' SuperMESH™
technology, achieved through optimization of ST's
well established strip-based PowerMESH™
layout. In addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Ptot
STF11N65K3
650 V
< 0.85
Ω 11 A 35 W
TO-220FP
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF11N65K3
11N65K3
TO-220FP
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STF11N65K3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STF11N65K3 DOINGTER-STF11N65K3 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STF11N65K3

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
Gate charge minimized
13-Aug-2013
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
Gate charge minimized
28-Aug-2013
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
Gate charge minimized
26-Mar-2013
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
Gate charge minimized
24-Jul-2012
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
Gate charge minimized
09-Sep-2010
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
Gate charge minimized
09-Apr-2013
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
Gate charge minimized
June 2013 Rev 3
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
Gate charge minimized
03-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com