Electronic Components Datasheet Search
  English  ▼

X  

SC16C752B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors SC16C752B Datasheet HTML 10Page - NXP Semiconductors SC16C752B Datasheet HTML 11Page - NXP Semiconductors SC16C752B Datasheet HTML 12Page - NXP Semiconductors SC16C752B Datasheet HTML 13Page - NXP Semiconductors SC16C752B Datasheet HTML 14Page - NXP Semiconductors SC16C752B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
11 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.3.3
Software flow control example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are
using software flow control with single character Xoff (0F) and Xon (0D) tokens. Both
have Xoff threshold (TCR[3:0] = F) set to 60, and Xon threshold (TCR[7:4] = 8) set to
32. Both have the interrupt receive threshold (TLR[7:4] = D) set to 52.
UART 1 begins transmission and sends 52 characters, at which point UART2 will
generate an interrupt to its processor to service the RCV FIFO, but assume the
interrupt latency is fairly long. UART1 will continue sending characters until a total of
60 characters have been sent. At this time, UART2 will transmit a 0F to UART1,
informing UART1 to halt transmission. UART1 will likely send the 61st character while
UART2 is sending the Xoff character. Now UART2 is serviced and the processor
reads enough data out of the RX FIFO that the level drops to 32. UART2 will now
send a 0D to UART1, informing UART1 to resume transmission.
Fig 7.
Software flow control example.
TRANSMIT FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon-1 WORD
Xon-2 WORD
Xoff-1 WORD
Xoff-2 WORD
RECEIVE FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon-1 WORD
Xon-2 WORD
Xoff-1 WORD
Xoff-2 WORD
UART2
UART1
002aaa229
data
Xoff–Xon–Xoff
compare
programmed
Xon-Xoff
characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com