Electronic Components Datasheet Search
  English  ▼

X  

SC16C752B Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 11Page - NXP Semiconductors SC16C752B Datasheet HTML 12Page - NXP Semiconductors SC16C752B Datasheet HTML 13Page - NXP Semiconductors SC16C752B Datasheet HTML 14Page - NXP Semiconductors SC16C752B Datasheet HTML 15Page - NXP Semiconductors SC16C752B Datasheet HTML 16Page - NXP Semiconductors SC16C752B Datasheet HTML 17Page - NXP Semiconductors SC16C752B Datasheet HTML 18Page - NXP Semiconductors SC16C752B Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
15 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.6 DMA operation
There are two modes of DMA operation, DMA mode 0 or DMA mode 1, selected by
FCR[3].
In DMA mode 0 or FIFO disable (FCR[0] = 0) DMA occurs in single character
transfers. In DMA mode 1, multi-character (or block) DMA transfers are managed to
relieve the processor for longer periods of time.
6.6.1
Single DMA transfers (DMA mode 0/FIFO disable)
Figure 10 shows TXRDY and RXRDY in DMA mode 0/FIFO disable.
Transmitter: When empty, the TXRDY signal becomes active. TXRDY will go inactive
after one character has been loaded into it.
Receiver: RXRDY is active when there is at least one character in the FIFO. It
becomes inactive when the receiver is empty.
Fig 10. TXRDY and RXRDY in DMA mode 0/FIFO disable.
TX
wrptr
wrptr
FIFO EMPTY
TXRDY
RX
rdptr
rdptr
FIFO EMPTY
RXRDY
RXRDY
002aaa232
at least one
location filled
at least one
location filled
TXRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com