Electronic Components Datasheet Search
  English  ▼

X  

SC16C752B Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 27Page - NXP Semiconductors SC16C752B Datasheet HTML 28Page - NXP Semiconductors SC16C752B Datasheet HTML 29Page - NXP Semiconductors SC16C752B Datasheet HTML 30Page - NXP Semiconductors SC16C752B Datasheet HTML 31Page - NXP Semiconductors SC16C752B Datasheet HTML 32Page - NXP Semiconductors SC16C752B Datasheet HTML 33Page - NXP Semiconductors SC16C752B Datasheet HTML 34Page - NXP Semiconductors SC16C752B Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
31 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Programmer’s guide
The base set of registers that is used during high-speed data transfer have a
straightforward access method. The extended function registers require special
access bits to be decoded along with the address lines. The following guide will help
with programming these registers. Note that the descriptions below are for individual
register access. Some streamlining through interleaving can be obtained when
programming all the registers.
Table 23:
Register programming guide
Command
Actions
Set baud rate to VALUE1, VALUE2
Read LCR (03), save in temp
Set LCR (03) to 80
Set DLL (00) to VALUE1
SET DLM (01) to VALUE2
Set LCR (03) to temp
Set Xoff-1, Xon-1 to VALUE1, VALUE2
Read LCR (03), save in temp
Set LCR (03) to BF
Set Xoff-1 (06) to VALUE1
SET Xon-1 (04) to VALUE2
Set LCR (03) to temp
Set Xoff-2, Xon-2 to VALUE1, VALUE2
Read LCR (03), save in temp
Set LCR (03) to BF
Set Xoff-2 (07) to VALUE1
SET Xon-2 (05) to VALUE2
Set LCR (03) to temp
Set software flow control mode to
VALUE
Read LCR (03), save in temp
Set LCR (03) to BF
Set EFR (02) to VALUE
Set LCR (03) to temp
Set flow control threshold to VALUE
Read LCR (03), save in temp1
Set LCR (03) to BF
Read EFR (02), save in temp2
Set EFR (02) to 10 + temp2
Set LCR (03) to 00
Read MCR (04), save in temp3
Set MCR (04) to 40 + temp3
Set TCR (06) to VALUE
Set MCR (04) to temp3
Set LCR (03) to BF
Set EFR (02) to temp2
Set LCR (03) to temp1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com