Electronic Components Datasheet Search
  English  ▼

X  

AP3101 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3101 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3101 Datasheet HTML 1Page - Diodes Incorporated AP3101 Datasheet HTML 2Page - Diodes Incorporated AP3101 Datasheet HTML 3Page - Diodes Incorporated AP3101 Datasheet HTML 4Page - Diodes Incorporated AP3101 Datasheet HTML 5Page - Diodes Incorporated AP3101 Datasheet HTML 6Page - Diodes Incorporated AP3101 Datasheet HTML 7Page - Diodes Incorporated AP3101 Datasheet HTML 8Page - Diodes Incorporated AP3101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP3101
Document number: DS37418 Rev. 2 - 2
5 of 12
www.diodes.com
July 2014
© Diodes Incorporated
AP3101
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA=+25°C, VCC=15V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UNDER-VOLTAGE LOCKOUT SECTION
VTHON
Start-up Voltage
–
15
16
17
V
VTHOFF
Minimum Operating Voltage
–
9
10
11
V
TOTAL STANDBY CURRENT SECTION
–
Start-up Current
VCC=14.8V
–
30
45
μA
ICC
Operating Current
VFB=VSENSE=0V, CL=1nF
–
3
4
mA
PWM SECTION
DMAX
Maximum Duty Cycle
–
70
80
90
%
DMIN
Minimum Duty Cycle
–
–
–
0
%
OSCILLATOR SECTION
fOSC
Oscillation Frequency
RI=26kΩ
60
65
70
kHz
–
Frequency Change with Voltage
VCC=10V to 20V
–
–
2
%
–
Temperature Stability
TA=-40
oC to +85oC
–
–
5
%
FEEDBACK INPUT SECTION
–
The Ratio of Input Voltage to
Current Sense Voltage
–
2.5
3
3.5
V/V
–
Input Impedance
–
3
4.5
6
k
Ω
–
Source Current
–
–
–
-2
mA
–
Input Voltage for Zero Duty
–
–
–
1.2
V
CURRENT SENSE SECTION
VTH
Threshold Voltage
–
0.8
0.85
0.9
V
–
Delay to Output
–
–
150
200
ns
–
Delay
Time
of
Short
Circuit
Protection
RI=26kΩ
–
23
–
ms
OUTPUT SECTION
VOL
Low Level Voltage
IO=200mA, VCC=12V
–
–
1.5
V
VOH
High Level Voltage
IO=50mA, VCC=12V
8
–
–
V
tR
Rise Time
VCC=13V, CL=1nF
150
250
350
ns
tF
Fall Time
VCC=13V, CL=1nF
30
50
90
ns
SKIP CYCLE SECTION
VSKIP
Default Skip Level
–
–
1.2
–
V
–
Leading Edge Blanking
RI=26kΩ
200
270
350
ns
OVER-TEMPERATURE PROTECTION SECTION
–
Shutdown Temperature
–
–
+155
–
oC
–
Temperature Hysteresis
–
–
+25
–
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com