Electronic Components Datasheet Search
  English  ▼

X  

AP3101 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3101 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3101 Datasheet HTML 4Page - Diodes Incorporated AP3101 Datasheet HTML 5Page - Diodes Incorporated AP3101 Datasheet HTML 6Page - Diodes Incorporated AP3101 Datasheet HTML 7Page - Diodes Incorporated AP3101 Datasheet HTML 8Page - Diodes Incorporated AP3101 Datasheet HTML 9Page - Diodes Incorporated AP3101 Datasheet HTML 10Page - Diodes Incorporated AP3101 Datasheet HTML 11Page - Diodes Incorporated AP3101 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP3101
Document number: DS37418 Rev. 2 - 2
8 of 12
www.diodes.com
July 2014
© Diodes Incorporated
AP3101
A Product Line of
Diodes Incorporated
Operation Description (Cont.)
Leading Edge Blanking
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turned on. A 270ns leading-
edge blank is built-in to prevent the false-triggering caused by the turn-on spike; so the RC filter on the current sense input can be removed.
During this period, the current limit comparator is disabled and the gate driver cannot be switched off.
Built-in Slope Compensation
It is well known that a continuous current mode SMPS may become unstable when the duty cycle exceeds 50%. The built-in slope compensation
can improve the stability, so there is no need for design engineer to spend much time on that.
Short Circuit Protection
Built-in short circuit protection can protect a SMPS from being damaged when short circuit of output or over load conditions happen. The
feedback voltage will keep its value above its upper limit of 4.2V as long as short circuit exists, and then gate driver will be turned off after fixed
delay time of 23ms. When VCC of AP3101 dropped under the minimum operating voltage, the device will be turned off and the system will try to
restart. The SMPS will not recover its normal operation until the short circuit or over load is removed.
Green Mode Operation
ADJ pin is the non-inverting input of skip cycle comparator. The voltage at FB pin minus 0.9V is compared with the voltage at ADJ pin. If the
voltage at ADJ pin is higher, AP3101 will start to blank its output pulse. In normal operation, AP3101 works at fixed switching frequency, and VFB
is in high level. When load power becomes lighter, the VFB will decrease. When VFB drops to the threshold, AP3101 will enter the skip cycle mode
and operate intermittently. The threshold is adjustable by changing the value of the resistor connected from pin ADJ to the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com