Electronic Components Datasheet Search
  English  ▼

X  

AP3101 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3101 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3101 Datasheet HTML 1Page - Diodes Incorporated AP3101 Datasheet HTML 2Page - Diodes Incorporated AP3101 Datasheet HTML 3Page - Diodes Incorporated AP3101 Datasheet HTML 4Page - Diodes Incorporated AP3101 Datasheet HTML 5Page - Diodes Incorporated AP3101 Datasheet HTML 6Page - Diodes Incorporated AP3101 Datasheet HTML 7Page - Diodes Incorporated AP3101 Datasheet HTML 8Page - Diodes Incorporated AP3101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP3101
Document number: DS37418 Rev. 2 - 2
4 of 12
www.diodes.com
July 2014
© Diodes Incorporated
AP3101
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
30
V
IO
Gate Output Current
600
mA
–
Input Voltage to FB
-0.3 to 7
V
–
Input Voltage to SENSE
-0.3 to 7
V
–
Input Voltage to RI
-0.3 to 7
V
–
Input Voltage to ADJ
-0.3 to 7
V
–
Operating Junction Temperature
+150
oC
TSTG
Storage Temperature Range
-65 to +150
oC
–
ESD (Human Body Model)
4
kV
–
ESD (Machine Model)
400
V
PD
Power Dissipation at TA<+25
oC
550
mW
θ
JA
Thermal Resistance (Junction to Ambient)
186
oC/W
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TA
Operating Ambient Temperature
-40
+85
oC
VCC
Supply Voltage
–
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com