Electronic Components Datasheet Search
  English  ▼

X  

AP3101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3101 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3101 Datasheet HTML 1Page - Diodes Incorporated AP3101 Datasheet HTML 2Page - Diodes Incorporated AP3101 Datasheet HTML 3Page - Diodes Incorporated AP3101 Datasheet HTML 4Page - Diodes Incorporated AP3101 Datasheet HTML 5Page - Diodes Incorporated AP3101 Datasheet HTML 6Page - Diodes Incorporated AP3101 Datasheet HTML 7Page - Diodes Incorporated AP3101 Datasheet HTML 8Page - Diodes Incorporated AP3101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP3101
Document number: DS37418 Rev. 2 - 2
1 of 12
www.diodes.com
July 2014
© Diodes Incorporated
AP3101
A Product Line of
Diodes Incorporated
GREEN MODE PWM CONTROLLER
Description
The AP3101 is a green PWM controller operating in current mode. It
is specifically designed for off-line AC-DC adapter and battery charger
applications where the needs for low standby power and better
protection function are increasing.
The AP3101 features adjustable oscillator frequency in normal
operation, which is done by an external resistor. It automatically
switches to skip cycle mode when output power drops below a given
level. The IC also features low start-up and operation current for its
BiCMOS process.
The AP3101 provides comprehensive protection features including
leading edge blanking, synchronized slope compensation, over-
current, over-temperature and short circuit protection.
The AP3101 is available in SO-8 package.
Features
Green Current Mode PWM Controller
Adjustable Skip Level
Leading Edge Blanking (LEB)
Cycle by Cycle Current Limit
Built-in Short Circuit Protection
Built-in Synchronized Slope Compensation
Low Start-up/Operating Current: 30
μA/3mA
Adjustable Oscillator Frequency
Totem Pole Output Including Soft Driving
Under-Voltage Lockout (UVLO)
Accurate Over-Temperature Protection with Hysteresis
Lead-Free Package: SO-8
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-
Free Package, Available in “Green” Molding Compound:
SO-8
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
GND
VIN
FB
RI
GATE
VCC
SENSE
ADJ
SO-8
Applications
Off-line AC-DC Adapter
Battery Charger Applications
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for mor
e information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3101 BCDSEMI-AP3101 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
AP3101M-E1 BCDSEMI-AP3101M-E1 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
AP3101MTR-E1 BCDSEMI-AP3101MTR-E1 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
AP3101P-E1 BCDSEMI-AP3101P-E1 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP384XG BCDSEMI-AP384XG Datasheet
161Kb / 13P
GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
Green-Mode PWM Controller
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
Green-Mode PWM Controller
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
Green-Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 3
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
GREEN MODE PWM CONTROLLER
Rev 2
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
GREEN MODE PWM CONTROLLER
Rev 2
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
Green-Mode PWM Controller
logo
Diodes Incorporated
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com