Electronic Components Datasheet Search
  English  ▼

X  

AP3102 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3102
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3102 Datasheet HTML 1Page - Diodes Incorporated AP3102 Datasheet HTML 2Page - Diodes Incorporated AP3102 Datasheet HTML 3Page - Diodes Incorporated AP3102 Datasheet HTML 4Page - Diodes Incorporated AP3102 Datasheet HTML 5Page - Diodes Incorporated AP3102 Datasheet HTML 6Page - Diodes Incorporated AP3102 Datasheet HTML 7Page - Diodes Incorporated AP3102 Datasheet HTML 8Page - Diodes Incorporated AP3102 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
5 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Electrical Characteristics (V
CC =16V, TA=+25°
C, unless otherwise specified.) (Cont.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Current Sense Section (SENSE Pin)
VCS
Maximum SENSE Voltage
VBOK=0.95V
0.75
0.8
0.85
V
VBOK=2.76V
0.63
0.68
0.73
–
LEB Time of SENSE
RRI=26k
150
250
350
ns
–
Delay to Output
–
50
150
250
ns
–
Soft-start Time
RRI=26k
–
2
–
ms
Feedback Input Section (FB Pin)
–
The Ratio of Input Voltage to
Current Sense Voltage
–
2.5
3
3.5
V/V
–
Input Impedance
–
3
4.5
6
k
–
Source Current
–
–
–
-2
mA
–
Input Voltage for Zero Duty
VADJ=0V
–
–
1.2
V
Output Section (GATE Pin)
–
Output Low Level
IO=50mA, VCC=12V
–
–
1
V
–
Output High Level
IO=50mA, VCC=12V
8.5
–
–
V
–
Output Clamping
–
13
15
17
V
–
Rising Time
CL=1nF, VCC=13V
150
250
350
ns
–
Falling Time
CL=1nF, VCC=13V
30
50
90
ns
Brownout Protection (BOK Pin)
–
Brownout Turn-on
–
0.85
0.9
0.95
V
–
Brownout Turn-off
–
0.45
0.5
0.55
–
Clamp Voltage on BOK
IBOK=1mA
5.5
6.2
6.9
V
–
Line Compensation Ratio
–
–
0.055
–
–
–
Line OVP Voltage
–
3.5
4
4.5
V
Skip Cycle Section (ADJ Pin)
–
Source Current
–
10
25
45
A
–
Latch Trigger Voltage
–
4.2
4.5
4.8
V
–
Clamp Voltage on ADJ
–
4
5
6
V
–
Input Impedance
–
35
50
65
k
Over-Temperature Protection Section
–
Shutdown Temperature
–
–
+155
–
oC
–
Temperature Hysteresis
–
–
+25
–
oC
Delay Time Section
–
Delay 1 of Protection
RRI=26k, Output short and OLP
BOK pin trigger for turning off
25
35
45
ms
–
Delay 2 of Protection
RRI=26k,
ADJ, VCC OVP, Line OVP
BOK pin trigger for turning on
–
25
–
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com