Electronic Components Datasheet Search
  English  ▼

X  

AP3102 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3102
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3102 Datasheet HTML 2Page - Diodes Incorporated AP3102 Datasheet HTML 3Page - Diodes Incorporated AP3102 Datasheet HTML 4Page - Diodes Incorporated AP3102 Datasheet HTML 5Page - Diodes Incorporated AP3102 Datasheet HTML 6Page - Diodes Incorporated AP3102 Datasheet HTML 7Page - Diodes Incorporated AP3102 Datasheet HTML 8Page - Diodes Incorporated AP3102 Datasheet HTML 9Page - Diodes Incorporated AP3102 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
6 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
-40
-20
0
20
40
60
80
100
120
15.0
15.2
15.4
15.6
15.8
16.0
16.2
16.4
16.6
16.8
17.0
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
140
8.1
8.3
8.5
8.7
8.9
9.1
9.3
9.5
9.7
9.9
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
Ambient Temperature (
oC)
At V
BOK
=0.95V
-40
-20
0
20
40
60
80
100
120
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
Ambient Temperature (
oC)
Performance Characteristics
Start-up Voltage vs. Ambient Temperature
Shutdown Voltage vs. Ambient Temperature
Start-up Current vs. Ambient Temperature
Operation Current vs. Ambient Temperature
Maximum VCS vs. Ambient Temperature
VBOK vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com