Electronic Components Datasheet Search
  English  ▼

X  

AP3102 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3102
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3102 Datasheet HTML 5Page - Diodes Incorporated AP3102 Datasheet HTML 6Page - Diodes Incorporated AP3102 Datasheet HTML 7Page - Diodes Incorporated AP3102 Datasheet HTML 8Page - Diodes Incorporated AP3102 Datasheet HTML 9Page - Diodes Incorporated AP3102 Datasheet HTML 10Page - Diodes Incorporated AP3102 Datasheet HTML 11Page - Diodes Incorporated AP3102 Datasheet HTML 12Page - Diodes Incorporated AP3102 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
9 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Operation Description (Cont.)
Brown-out and BOK Pin
The switching converter normally has a suitable input range, thus it makes the switching component operate under the safe operation condition.
Too low or too high input will bring large heat shock or voltage spike on the switching device. Brown-out and line OVP function will avoid the
supply to be worked in the unwanted condition such as below minimum and over maximum line voltage. The internal BOK connection is shown as
the figure below:
SENSE
OCP
0.85V
BOK
BOK
OVP
4V
0.5V
0.9V
5V
BOK
Disable
UVLO
1
A
V
CB
R1
R2
3
6
+
From the figure, it is seen that the BOK is connected to the OCP comparator and used as feedforward to the VCS_MAX (Refer to current sense
comparator description). The VBOK range for enable IC is 0.9 to 3.0V and disable range is under 0.5V or over 4V. When VBOK is over 4V (line OVP)
or under 0.5V (brown-out trigger), the IC enters the auto-recoverable protection. The ratio of R1/R2 is used to adjust the line voltage divider value.
VON
No Gate Output
UVLO
VCC
35mS
No Gate
HV OK Range
VOFF
HV
4V
No Gate Output
ADJ Pin and Green Mode Operation
Low standby loss is the main requirement for AC-DC off line power supply. The AP3102/V/L has a green mode operation to improve the light load
or no load efficiency. When the load power becomes low and VFB decreases to the threshold value, the IC will enter the green mode which means
the switching frequency will decrease with the load decrease. And when the load power becomes much lower, the IC will operate at the skip mode
to reduce switching loss, core loss and other high frequency loss due to blanking the driver. In skipping mode, the high frequency pulses is about
25kHz for the best standby performance.
LEB
Slope
Compensation
Skip Cycle
0.85V
R
2R
ADJ
SENSE
A
R
ADJ
Driver
Control
Circuit
25A
5
2
6
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com