Electronic Components Datasheet Search
  English  ▼

X  

AP3102 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3102
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3102 Datasheet HTML 6Page - Diodes Incorporated AP3102 Datasheet HTML 7Page - Diodes Incorporated AP3102 Datasheet HTML 8Page - Diodes Incorporated AP3102 Datasheet HTML 9Page - Diodes Incorporated AP3102 Datasheet HTML 10Page - Diodes Incorporated AP3102 Datasheet HTML 11Page - Diodes Incorporated AP3102 Datasheet HTML 12Page - Diodes Incorporated AP3102 Datasheet HTML 13Page - Diodes Incorporated AP3102 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
10 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Operation Description (Cont.)
The VADJ threshold is adjustable by changing the external resistor connected from pin ADJ to the ground. Adjusting the VADJ voltage can optimize
the standby power and audible noise for most applications.
Another function of ADJ pin is to use it as the latch trigger input. When the voltage at this pin is more than 4.5V, the system will be latched by
limiting the VCC to a lower voltage. If the IC is started from bulk capacitor through resistor, the system will be latched until the bulk voltage
decreases to a very low value just like unplugged the AC input. Then, the IC latch current can't be maintained and latch will be released (see
description below). This function can be used as system OTP and other protection.
System Protection and Pin Fault Protection
AP3102/V/L provides versatile system and pin fault protections. The OCP comparator realizes the cycle-by-cycle current limiting (OCP).
Cooperating with BOK compensation from the input line voltage, the IC realizes the constant over load protection (OLP). VCC over voltage
protection can be applied as the primary OVP or opto-coupler broken protection. The AP3102/V/L also has pin fault connection protection
including floating and short connection. The floating pin protection includes the RI, SENSE, FB, etc; the short pin protection includes the RI pin
short protection. When these pins are floated or RI pin is shorted to ground, PWM switching will be disabled, thus protect the power system. Below
figures show the relative timing sequences of system protections.
VBOK
Gate drive
UVLO
4V
VCC
0.5V
35mS
VFB
35mS
4.2V
Line OVP & Brown-Out
Output Short
Vo
VCC OVP (AP3102)
25
S
28V
VADJ
Gate
drive
Latch until unplug AC
UVLO
VCC
>25
S
4V
De-latch Point
Auto Recoverable Protection Mode
Latch Protection Mode
VADJ
VFB
35mS
4.2V
Vo
Latch through ADJ Pin
Output Short (AP3102L)
VCC OVP
(AP3102V, AP3102L)
25
S
28V
UVLO
25
S
Typical Timing Sequences of AP3102/V/L Protections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com