Electronic Components Datasheet Search
  English  ▼

X  

STL7N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL7N60M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL7N60M2 Datasheet HTML 2Page - STMicroelectronics STL7N60M2 Datasheet HTML 3Page - STMicroelectronics STL7N60M2 Datasheet HTML 4Page - STMicroelectronics STL7N60M2 Datasheet HTML 5Page - STMicroelectronics STL7N60M2 Datasheet HTML 6Page - STMicroelectronics STL7N60M2 Datasheet HTML 7Page - STMicroelectronics STL7N60M2 Datasheet HTML 8Page - STMicroelectronics STL7N60M2 Datasheet HTML 9Page - STMicroelectronics STL7N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STL7N60M2
6/13
DocID027417 Rev 1
2.2
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
V
DS(V)
I
D
(A)
100
10
1
0.1
0.001
0.01
0.1
1
10
100µs
10µs
1ms
10ms
O
per
at
ion
in
this
ar
ea
is lim
ited
by
m
ax
R
DS
(on)
T
j=175°C
T
pcb=25°C
Single pulse
GIPG260120151432ALS
GIPG270120151414ALS
K
T
p(s)
100
10-1
10-2
10-3
102
101
10-4
10-3
10-1
10-2
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.01
δ = 0.02
δ = 0.05
SINGLE PULSE
t
p Ƭ
Z
thj-pcb = KRthj-pcb
δ = t
p / Ƭ
6
4
2
0
3V
4V
5V
6V
8
I
D
(A)
0
5
10
15
20
V
DS(V)
V
GS=7, 8, 9, 10, 11V
AM15815v1
6
4
2
8
I
D
(A)
V
DS = 19 V
V
GS(V)
10
8
6
4
2
0
AM15816v1
6
4
2
0
8
10
12
300
200
100
0
400
500
VDS
VDD=480V
ID=5A
V
GS
(V)
V
DS
(V)
Qg(nC)
10
8
6
4
2
0
AM15824v1
0.880
0.900
0.920
0.940
0.960
R
DS(on)
(Ω)
V
GS = 10 V
I
D(A)
5
4
3
2
1
0
GIPG260120151602ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com