Electronic Components Datasheet Search
  English  ▼

X  

STL7N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL7N60M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL7N60M2 Datasheet HTML 1Page - STMicroelectronics STL7N60M2 Datasheet HTML 2Page - STMicroelectronics STL7N60M2 Datasheet HTML 3Page - STMicroelectronics STL7N60M2 Datasheet HTML 4Page - STMicroelectronics STL7N60M2 Datasheet HTML 5Page - STMicroelectronics STL7N60M2 Datasheet HTML 6Page - STMicroelectronics STL7N60M2 Datasheet HTML 7Page - STMicroelectronics STL7N60M2 Datasheet HTML 8Page - STMicroelectronics STL7N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2015
DocID027417 Rev 1
1/13
This is information on a product in full production.
www.st.com
STL7N60M2
N-
channel 600 V, 0.92 Ω typ., 5 A MDmesh™ M2
Power MOSFET in a PowerFLAT™ 5x5 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @ Tjmax
RDS(on) max
ID
STL7N60M2
650 V
1.05
Ω
5 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL7N60M2
7N60M2
PowerFLAT 5x5
Tape and reel
1
4
12
7
6
5
11
10
PowerFLAT™ 5x5
Top View
D(5, 6, 11, 12)
G(10)
S(2, 3, 4, 7, 8, 9)
G
10
S
9
S
8
S
7
1
NC
2
S
3
S
4
S
6 D
5 D
D 11
D 12
Pin 1
identification
GIPG260120150916ALS


Similar Part No. - STL7N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
27-Aug-2015
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
Switching applications
13-Feb-2017
More results

Similar Description - STL7N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12N60M2 STMICROELECTRONICS-STP12N60M2 Datasheet
404Kb / 13P
Extremely low gate charge
22-May-2015
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com