Electronic Components Datasheet Search
  English  ▼

X  

STL7N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL7N60M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL7N60M2 Datasheet HTML 3Page - STMicroelectronics STL7N60M2 Datasheet HTML 4Page - STMicroelectronics STL7N60M2 Datasheet HTML 5Page - STMicroelectronics STL7N60M2 Datasheet HTML 6Page - STMicroelectronics STL7N60M2 Datasheet HTML 7Page - STMicroelectronics STL7N60M2 Datasheet HTML 8Page - STMicroelectronics STL7N60M2 Datasheet HTML 9Page - STMicroelectronics STL7N60M2 Datasheet HTML 10Page - STMicroelectronics STL7N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STL7N60M2
Electrical characteristics
DocID027417 Rev 1
7/13
Figure 8: Capacitance variations
Figure 9: Output capacitance stored energy
Figure 10: Normalized gate threshold voltage
vs temperature
Figure 11: Normalized on-resistance vs
temperature
Figure 12: Source-drain diode forward
characteristics
Figure 13: Normalized V(BR)DSS vs
temperature
C
100
10
1
0.1
(pF)
Ciss
Coss
Crss
1000
V
DS(V)
100
10
1
0.1
f = 1 Mhz
AM15818v1
2.0
1.0
0.5
1.5
2.5
0
E
OSS
(µJ)
V
DS(V)
600
500
400
300
200
100
0
AM15819v1
V
GS(th)
(norm)
T
j(°C)
I
D = 250 µA
100
50
0
-50
0.9
0.8
0.7
0.6
1.0
1.1
AM15718v1
1.3
0.9
0.5
1.7
2.1
2.5
V
GS = 10 V
T
j(°C)
100
50
0
-50
R
DS(on)
(norm)
AM15821v1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I
SD(A)
V
SD
(V)
T
j = -50°C
T
j = 25°C
T
j = 150°C
5
4
3
2
1
0
AM15822v1
0.93
0.97
1.01
1.05
1.09
V
(BR)DSS
(norm)
T
j (°C)
I
D = 1mA
100
50
0
-50
AM15823v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com