Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 124Page - National Semiconductor (TI) PC87360 Datasheet HTML 125Page - National Semiconductor (TI) PC87360 Datasheet HTML 126Page - National Semiconductor (TI) PC87360 Datasheet HTML 127Page - National Semiconductor (TI) PC87360 Datasheet HTML 128Page - National Semiconductor (TI) PC87360 Datasheet HTML 129Page - National Semiconductor (TI) PC87360 Datasheet HTML 130Page - National Semiconductor (TI) PC87360 Datasheet HTML 131Page - National Semiconductor (TI) PC87360 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 168 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
128
www.national.com
8.2.3
Acknowledge (ACK) Cycle
The ACK cycle consists of two signals: the ACK clock pulse sent by the master with each byte transferred, and the ACK
signal sent by the receiving device (see Figure 24).
The master generates the ACK clock pulse on the ninth clock pulse of the byte transfer. The transmitter releases the SDA
line (permits it to go high) to allow the receiver to send the ACK signal. The receiver must pull down the SDA line during the
ACK clock pulse, signalling that it has correctly received the last data byte and is ready to receive the next byte. Figure 25
illustrates the ACK cycle.
SDA
SCL
S
P
Start
Condition
Stop
Condition
Figure 23. Start and Stop Conditions
S
P
Start
Condition
Stop
Condition
SDA
SCL
MSB
ACK
ACK
12 3 - 6
7
8
9
1
2
3 - 8
9
Acknowledge
Signal From Receiver
Byte Complete
Interrupt Within
Receiver
Clock Line Held
Low by Receiver
While Interrupt
is Serviced
Figure 24. ACCESS.bus Data Transaction
S
Start
Condition
SCL
12 3 - 6
7
8
9
Transmitter Stays Off Bus
During Acknowledge Clock
Acknowledge
Signal From Receiver
Data Output
by Transmitter
Data Output
by Receiver
Figure 25. ACCESS.bus Acknowledge Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com