Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 125Page - National Semiconductor (TI) PC87360 Datasheet HTML 126Page - National Semiconductor (TI) PC87360 Datasheet HTML 127Page - National Semiconductor (TI) PC87360 Datasheet HTML 128Page - National Semiconductor (TI) PC87360 Datasheet HTML 129Page - National Semiconductor (TI) PC87360 Datasheet HTML 130Page - National Semiconductor (TI) PC87360 Datasheet HTML 131Page - National Semiconductor (TI) PC87360 Datasheet HTML 132Page - National Semiconductor (TI) PC87360 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 168 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
129
www.national.com
8.2.4
Acknowledge after Every Byte Rule
According to this rule, the master generates an acknowledge clock pulse after each byte transfer, and the receiver sends an
acknowledge signal after every byte received. There are two exceptions to this rule:
1. When the master is the receiver, it must indicate to the transmitter the end of data by not acknowledging (negative ac-
knowledge) the last byte clocked out of the slave. This negative acknowledge still includes the acknowledge clock pulse
(generated by the master), but the SDA line is not pulled down.
2. When the receiver is full, otherwise occupied, or a problem has occurred, it sends a negative acknowledge to indicate
that it cannot accept additional data bytes.
8.2.5
Addressing Transfer Formats
Each device on the bus has a unique address. Before any data is transmitted, the master transmits the address of the slave
being addressed. The slave device should send an acknowledge signal on the SDA line once it recognizes its address.
The address consists of the first 7 bits after a Start Condition. The direction of the data transfer (R/W) depends on the bit
sent after the address, the eighth bit. A low to high transition during a SCL high period indicates the Stop Condition, and
ends the transaction of SDA (see Figure 26).
When the address is sent, each device in the system compares this address with its own. If there is a match, the device
considers itself addressed and sends an acknowledge signal. Depending on the state of the R/W bit (1=read, 0=write), the
device acts either as a transmitter or a receiver.
The I2C bus protocol allows a general call address to be sent to all slaves connected to the bus. The first byte sent specifies
the general call address (00h) and the second byte specifies the meaning of the general call (for example, write slave ad-
dress by software only). Those slaves that require data acknowledge the call, and become slave receivers; other slaves ig-
nore the call.
8.2.6
Arbitration on the Bus
Multiple master devices on the bus require arbitration between their conflicting bus access demands. Control of the bus is
initially determined according to address bits and clock cycle. If the masters are trying to address the same slave, data com-
parisons determine the outcome of this arbitration. In master mode, the device immediately aborts a transaction if the value
sampled on the SDA line differs from the value driven by the device. (An exception to this rule is SDA while receiving data.
The lines may be driven low by the slave without causing an abort.)
The SCL signal is monitored for clock synchronization and to allow the slave to stall the bus. The actual clock period is set
by the master with the longest clock period, or by the slave stall period. The clock high period is determined by the master
with the shortest clock high period.
When an abort occurs during the address transmission, a master that identifies the conflict should give up the bus, switch
to slave mode and continue to sample SDA to check if it is being addressed by the winning master on the bus.
S
P
Start
Condition
Stop
Condition
SDA
SCL
1 - 7
8
9
1 - 7
8
9
1 - 7
8
9
Address R/W ACK
Data
ACK
Data
ACK
Figure 26. A Complete ACCESS.bus Data Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com