Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 157Page - National Semiconductor (TI) PC87360 Datasheet HTML 158Page - National Semiconductor (TI) PC87360 Datasheet HTML 159Page - National Semiconductor (TI) PC87360 Datasheet HTML 160Page - National Semiconductor (TI) PC87360 Datasheet HTML 161Page - National Semiconductor (TI) PC87360 Datasheet HTML 162Page - National Semiconductor (TI) PC87360 Datasheet HTML 163Page - National Semiconductor (TI) PC87360 Datasheet HTML 164Page - National Semiconductor (TI) PC87360 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 168 page
background image
10.0 Device Characteristics (Continued)
161
www.national.com
10.4.3
LCLK and LRESET
Symbol
Parameter
Min
Max
Units
tCYC
Note 1.
Note 1. The PCI may have any clock frequency between nominal DC and
33 MHz. Device operational parameters at frequencies under 16
MHz may be guaranteed by design rather than by testing. The clock
frequency may be changed at any time during the operation of the
system as long as the clock edges remain “clean” (monotonic) and
the minimum cycle and high and low times are not violated. The
clock may only be stopped in a low state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time
11
ns
tLOW
LCLK Low Time
11
ns
-
LCLK Slew RateNote 2.
Note 2. Rise and fall times are specified in terms of the edge rate measured
in V/ns. This slew rate must be met across the minimum peak-to-
peak portion of the clock wavering as shown below.
1
4
V/ns
-
LRESET Slew RateNote 3.
Note 3. The minimum LRESET slew rate applies only to the rising (de-
assertion) edge of the reset signal, and ensures that system noise
cannot render an otherwise a monotonic signal to appear to bounce
in the switching range.
50
mV/ns
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD p-to-p
(minimum)
tHIGH
tLOW
3.3 V Clock
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com