Electronic Components Datasheet Search
  English  ▼

X  

A6984 Datasheet(PDF) 15 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 11Page - STMicroelectronics A6984 Datasheet HTML 12Page - STMicroelectronics A6984 Datasheet HTML 13Page - STMicroelectronics A6984 Datasheet HTML 14Page - STMicroelectronics A6984 Datasheet HTML 15Page - STMicroelectronics A6984 Datasheet HTML 16Page - STMicroelectronics A6984 Datasheet HTML 17Page - STMicroelectronics A6984 Datasheet HTML 18Page - STMicroelectronics A6984 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
DocID030396 Rev 1
15/47
A6984
Device description
47
Figure 6. A6984 application circuit
Laplace transformer of the leading network:
Equation 3
where:
Equation 4
The R2, R3 compose the voltage divider. CR3 is calculated as (see Section 5.3.2: COUT
specification and loop stability on page 38 for COUT selection):
Equation 5
A6984
G
DIV s

R
2
R
2
R
3
+
--------------------
1s R
3
C
R3

+

1s
R
2
R
3
R
2
R
3
+
-------------------- CR3

+


-----------------------------------------------------------
=
f
Z
1
2
 R
3
C
R3

--------------------------------------
=
f
P
1
2
R
2
R
3
R
2
R
3
+
-------------------- C
R3

---------------------------------------------------
=
f
Z
f
P
C
R3
28 10
3
–
V
OUT
C
OUT
R
3
----------------------------------

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com