Electronic Components Datasheet Search
  English  ▼

X  

A6984 Datasheet(PDF) 26 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 22Page - STMicroelectronics A6984 Datasheet HTML 23Page - STMicroelectronics A6984 Datasheet HTML 24Page - STMicroelectronics A6984 Datasheet HTML 25Page - STMicroelectronics A6984 Datasheet HTML 26Page - STMicroelectronics A6984 Datasheet HTML 27Page - STMicroelectronics A6984 Datasheet HTML 28Page - STMicroelectronics A6984 Datasheet HTML 29Page - STMicroelectronics A6984 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Device description
A6984
26/47
DocID030396 Rev 1
Figure 17. Virtual ESR signal generation in LCM operation at light load
In LCM operation the virtual ripple contributes to the regulated output voltage as follows:
Equation 20
since TPULSE << TBURST at zero loading condition.
So the accuracy can be calculated as:
Equation 21
Equation 18, Equation 19 for the LNM and Equation 20, Equation 21 for the LCM allows
proper dimensioning of the FB voltage divider and virtual ESR contribution given the
acceptable output voltage accuracy over the application input voltage range.
V
OUTMIN
0.9
1
2
--- VFB
RIPPLE
V
IN

T
PULSE
T
BURST
---------------------
+


1
R
3
R
2
-------
+


0.9
1
R
3
R
2
-------
+


=
V
OUTMAX
0.9
VFB
AVG VINMAX

+
 1
R
3
R
2
-------
+


=
V
OUT
LCM
–
VFB
AVG VINMAX
 1
R
3
R
2
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com