Electronic Components Datasheet Search
  English  ▼

X  

A6984 Datasheet(PDF) 27 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 23Page - STMicroelectronics A6984 Datasheet HTML 24Page - STMicroelectronics A6984 Datasheet HTML 25Page - STMicroelectronics A6984 Datasheet HTML 26Page - STMicroelectronics A6984 Datasheet HTML 27Page - STMicroelectronics A6984 Datasheet HTML 28Page - STMicroelectronics A6984 Datasheet HTML 29Page - STMicroelectronics A6984 Datasheet HTML 30Page - STMicroelectronics A6984 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
DocID030396 Rev 1
27/47
A6984
Device description
47
The eDesignSuite on-line simulation tool (see
http://www.st.com/content/st_com/en/support/resources/edesign.html) supports the design
based on the A6984 device by inserting the required electrical specifications of the final
application. The interface is based on a fully annotated and interactive schematic and the
output provides a complete set of the analysis diagram to estimate the electrical, thermal
and efficiency performance.
Moreover, it is possible to design the optional virtual ESR network based on the output
voltage specification in terms of accuracy over the input voltage range.
4.4
Soft-start
The soft-start feature minimizes the inrush current and decreases the stress of the power
components during the power-up phase. The A6984 implements the soft-start, clamping the
device current limitation in four different steps in 2 msec time.
During normal operation, a new soft-start cycle takes place in case of:
Thermal shutdown event
UVLO event
EN pin rising
Figure 18 shows the soft-start feature. The green trace represents the inductor current
which shows different current protection thresholds.
Figure 18. Soft-start feature with resistive load
4.5
Light load operation
The LNM pinstrapping during the power-up phase determines the light load operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com