Electronic Components Datasheet Search
  English  ▼

X  

A6984 Datasheet(PDF) 18 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 14Page - STMicroelectronics A6984 Datasheet HTML 15Page - STMicroelectronics A6984 Datasheet HTML 16Page - STMicroelectronics A6984 Datasheet HTML 17Page - STMicroelectronics A6984 Datasheet HTML 18Page - STMicroelectronics A6984 Datasheet HTML 19Page - STMicroelectronics A6984 Datasheet HTML 20Page - STMicroelectronics A6984 Datasheet HTML 21Page - STMicroelectronics A6984 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Device description
A6984
18/47
DocID030396 Rev 1
Figure 8. fSW variation over the load range
A general requirement for applications compatible with humid environments, is to limit the
maximum resistor value to minimize the resistor variation determined by the leakage path.
An optional external capacitor CTON >> (CINT + CPAR) connected as shown in Figure 9 helps
to limit the RTON value and also minimizes the fSW variation with the p.c.b. parasitic
components CPAR.
Figure 9. TON generator with optional capacitor
Figure 10, Figure 11, Figure 12, and Figure 13 show the numeric example to program the
switching frequency accordingly with the RTON, CTON pair selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com