Electronic Components Datasheet Search
  English  ▼

X  

L6564H Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6564H
Description  High voltage startup transition-mode PFC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6564H Datasheet HTML 6Page - STMicroelectronics L6564H Datasheet HTML 7Page - STMicroelectronics L6564H Datasheet HTML 8Page - STMicroelectronics L6564H Datasheet HTML 9Page - STMicroelectronics L6564H Datasheet HTML 10Page - STMicroelectronics L6564H Datasheet HTML 11Page - STMicroelectronics L6564H Datasheet HTML 12Page - STMicroelectronics L6564H Datasheet HTML 13Page - STMicroelectronics L6564H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical characteristics
L6564H
10/35
Doc ID 022960 Rev 2
Output max. slope
VMULT = 0 to 0.4 V, VVFF = 1 V
VCOMP = upper clamp
1.33
1.66
V/V
KM
Gain (2)
VMULT = 1 V, VCOMP = 4 V
0.375
0.45
0.525
V
Error amplifier
VINV
Voltage feedback input
threshold
TJ = 25 °C
2.475
2.5
2.525
V
10.3 V < VCC < 22.5 V
(2)
2.455
2.545
Line regulation
VCC = 10.3 V to 22.5 V
2
5
mV
IINV
Input bias current
VINV = 0 to 4 V
-0.2
-1
µA
VINVCLAMP Internal clamp level
IINV = 1 mA
8
9
V
Gv
Voltage gain
Open loop
60
80
dB
GB
Gain-bandwidth product
1
MHz
ICOMP
Source current
VCOMP = 4 V, VINV = 2.4 V
2
4
mA
Sink current
VCOMP = 4 V, VINV = 2.6 V
2.5
4.5
mA
VCOMP
Upper clamp voltage
ISOURCE = 0.5 mA
5.7
6.2
6.7
V
Burst-mode voltage
(1)
2.3
2.4
2.5
Lower clamp voltage
ISINK = 0.5 mA
(1)
2.1
2.25
2.4
Current sense comparator
ICS
Input bias current
VCS = 0
1
µA
tLEB
Leading edge blanking
100
150
250
ns
td(H-L)
Delay to output
100
200
300
ns
VCSclamp
Current sense reference clamp
VCOMP = upper clamp,
VMULT =1 V, VVFF = 1 V
1.0
1.08
1.16
V
Vcsofst
Current sense offset
VMULT = 0, VVFF = 3 V
40
70
mV
VMULT = 3 V, VVFF = 3 V
20
Boost inductor saturation detector
VCS_th
Threshold on current sense
(1)
1.6
1.7
1.8
V
IINV
E/A input pull-up current
After VCS > VCS_th, before
restarting
510
13
µA
PFC_OK functions
IPFC_OK
Input bias current
VPFC_OK = 0 to 2.6 V
-0.1
-1
µA
VPFC_OK_C Clamp voltage
IPFC_OK = 1 mA
9
9.5
V
VPFC_OK_S OVP threshold
(1) voltage rising
2.435
2.5
2.565
V
VPFC_OK_R Restart threshold after OVP
(1) voltage falling
2.34
2.4
2.46
V
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
∆V
CS
∆V
MULT
----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com