Electronic Components Datasheet Search
  English  ▼

X  

L6564H Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6564H
Description  High voltage startup transition-mode PFC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6564H Datasheet HTML 10Page - STMicroelectronics L6564H Datasheet HTML 11Page - STMicroelectronics L6564H Datasheet HTML 12Page - STMicroelectronics L6564H Datasheet HTML 13Page - STMicroelectronics L6564H Datasheet HTML 14Page - STMicroelectronics L6564H Datasheet HTML 15Page - STMicroelectronics L6564H Datasheet HTML 16Page - STMicroelectronics L6564H Datasheet HTML 17Page - STMicroelectronics L6564H Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Typical electrical performance
L6564H
14/35
Doc ID 022960 Rev 2
Figure 10.
UVLO saturation vs. TJ
Figure 11.
OVP levels vs. TJ
Figure 12.
Inductor saturation threshold vs. TJ Figure 13. Vcs clamp vs. TJ
Figure 14.
ZCD sink/source capability vs. TJ
Figure 15.
ZCD clamp level vs. TJ
AM11438v1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 0V
AM11439v1
2.36
2.38
2.4
2.42
2.44
2.46
2.48
2.5
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
OVP Th
Restart Th
AM11440v1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
AM11441v1
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
VCOMP =Upper clamp
AM11442v1
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
Source current
Sink current
AM11443v1
-1
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
Izcd =
±2.5mV
Upper Clamp
Lower Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com