Electronic Components Datasheet Search
  English  ▼

X  

L6564H Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6564H
Description  High voltage startup transition-mode PFC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6564H Datasheet HTML 21Page - STMicroelectronics L6564H Datasheet HTML 22Page - STMicroelectronics L6564H Datasheet HTML 23Page - STMicroelectronics L6564H Datasheet HTML 24Page - STMicroelectronics L6564H Datasheet HTML 25Page - STMicroelectronics L6564H Datasheet HTML 26Page - STMicroelectronics L6564H Datasheet HTML 27Page - STMicroelectronics L6564H Datasheet HTML 28Page - STMicroelectronics L6564H Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
L6564H
Application information
Doc ID 022960 Rev 2
25/35
Figure 37.
Interface circuits that let the DC-DC converter’s controller IC disable the
L6564H
Another function available is the brownout protection which is basically a not-latched
shutdown function that is activated when a condition of mains undervoltage is detected. This
condition may cause overheating of the primary power section due to an excess of RMS
current. Brownout can also cause the PFC pre-regulator to function in open loop and this
may be dangerous to the PFC stage itself and the downstream converter, should the input
voltage return abruptly to its rated value. Another problem is the spurious restarts that may
occur during converter power-down and that cause the output voltage of the converter not to
decay to zero monotonically. For these reasons it is usually preferable to shut down the unit
in case of brownout. The brownout threshold is internally fixed at 0.8 V and is sensed on the
VFF pin (#5) during the voltage falling and an 80 mV threshold hysteresis prevents
rebounding at input voltage turn-off. In
Table 5 it is possible to find a summary of all of the
above mentioned working conditions that cause the device to stop operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com