Electronic Components Datasheet Search
  English  ▼

X  

STGWA30H60DFB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA30H60DFB
Description  Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA30H60DFB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA30H60DFB Datasheet HTML 3Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 4Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 5Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 6Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 7Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 8Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 9Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 10Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID026676 Rev 3
7/20
STGW30H60DFB, STGWA30H60DFB, STGWT30H60DFB
Electrical characteristics
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
0
10
20
30
40
110
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R = 10
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
50
60
GIPG280120141713FSR
IC
100
10
1
0.1
1
VCE(V)
(A)
10
100
10 μs
100 μs
1 ms
(single pulse T
C = 25°C,
TJ ≤ 175 °C; VGE=15V)
Vce(sat) limit
GIPG090720141330FSR
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
IC
60
40
20
0
7
11
VGE(V)
(A)
913
80
100
VCE =10 V
Tj= 25 °C
Tj= 175 °C
GIPG280120141330FSR
VF
2
1.6
1.2
0.8
10
IF(A)
(V)
20
TJ= 175°C
30
40
50
TJ= 25°C
TJ= -40°C
60
2.8
2.4
GIPG090720141349FSR
Figure 12. Normalized VGE(th) vs junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
VGE(th)
(norm)
0.8
0.7
0.6
-50
TJ(°C)
0
50
100
150
0.9
1.0
VCE= VGE
IC= 1mA
AM16060v1
V(BR)CES
(norm)
1.1
1.0
0.9
-50
TJ(°C)
0
50
100
150
IC= 2mA
AM16059v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com