Electronic Components Datasheet Search
  English  ▼

X  

STGWA30H60DFB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWA30H60DFB
Description  Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA30H60DFB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWA30H60DFB Datasheet HTML 4Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 5Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 6Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 7Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 8Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 9Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 10Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 11Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STGW30H60DFB, STGWA30H60DFB, STGWT30H60DFB
8/20
DocID026676 Rev 3
Figure 14. Capacitance variation
Figure 15. Gate charge vs. gate-emitter voltage
C
10
VCE(V)
(pF)
0.1
1
10
Cies
100
1000
Coes
Cres
100
GIPG090720141358FSR
VGE
(V)
4
2
0
0
Qg(nC)
40
80
120
160
6
8
10
12
14
VCC= 520V, IC= 30A
IG= 1mA
16
GIPG280120141455FSR
Figure 16. Switching energy vs collector
current
Figure 17. Switching energy vs gate resistance
E
0
IC(A)
(μJ)
010
20
400
30
40
800
EON
1200
VCC = 400V, VGE = 15V,
RG = 10Ω, TJ = 175°C
50
EOFF
1600
60
GIPG090720141414FSR
E
20
RG(Ω)
(μJ)
310
17
220
420
620
24
31
820
EOFF
VCC = 400 V, VGE = 15 V,
IC = 30 A, TJ = 175 °C
EON
38
1020
1220
1420
GIPG090720141421FSR
Figure 18. Switching energy vs temperature
Figure 19. Switching energy vs collector-
emitter voltage
E
0
TJ(°C)
(μJ)
20
60
200
400
600
100
140
EOFF
VCC= 400V, VGE= 15V,
RG= 10Ω, IC= 30A
EON
800
GIPG090720141431FSR
E
0
VCE(V)
(μJ)
150
400
800
1200
EOFF
TJ= 175°C, VGE= 15V,
RG= 10Ω, IC= 30A
1600
EON
250
350
450
GIPG090720141440FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com