Electronic Components Datasheet Search
  English  ▼

X  

STGWA30H60DFB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA30H60DFB
Description  Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA30H60DFB Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA30H60DFB Datasheet HTML 1Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 2Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 3Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 4Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 5Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 6Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 7Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 8Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
November 2016
DocID026676 Rev 3
1/20
20
STGW30H60DFB, STGWA30H60DFB,
STGWT30H60DFB
Trench gate field-stop IGBT, HB series
600 V, 30 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 1.55 V (typ.) @ IC = 30 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode
Applications
• Photovoltaic inverters
• High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the new HB
series of IGBTs, which represent an optimum
compromise between conduction and switching
loss to maximize the efficiency of any frequency
converter. Furthermore, the slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
TO-247
1
2
3
TO-3P
1
2
3
TO-247 long leads
C (2, TAB)
E (3)
G (1)
Table 1. Device summary
Order code
Marking
Package
Packaging
STGW30H60DFB
GW30H60DFB
TO-247
Tube
STGWA30H60DFB
GWA30H60DFB
TO-247 long leads
Tube
STGWT30H60DFB
GWT30H60DFB
TO-3P
Tube
www.st.com


Similar Part No. - STGWA30H60DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
More results

Similar Description - STGWA30H60DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
18-Mar-2014
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
24-Feb-2014
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
18-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com