Electronic Components Datasheet Search
  English  ▼

X  

STGWA30H60DFB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWA30H60DFB
Description  Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA30H60DFB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWA30H60DFB Datasheet HTML 5Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 6Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 7Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 8Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 9Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 10Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 11Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 12Page - STMicroelectronics STGWA30H60DFB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID026676 Rev 3
9/20
STGW30H60DFB, STGWA30H60DFB, STGWT30H60DFB
Electrical characteristics
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
t
IC(A)
(ns)
0
10
20
1
30
tf
TJ= 175°C, VGE= 15V,
RG= 10Ω, VCC= 400V
tdoff
10
tr
tdon
40
50
100
GIPG100720141533FSR
t
10
RG(Ω)
(ns)
010
20
100
30
tf
TJ= 175°C, VGE= 15V,
IC= 30A, VCC= 400V
40
tdon
tdoff
tr
GIPG100720141549FSR
Figure 22. Reverse recovery current vs. diode
current slope
Figure 23. Reverse recovery time vs. diode
current slope
Irm
0
di/dt(A/μs)
(A)
0
500
1000
40
1500
IF = 30A, Vr = 400V
2000
60
=175°C
=25°C
20
TJ
TJ
2500
GIPG100720141607FSR
trr
0
di/dt(A/μs)
(μs)
0
500
1000
100
1500
IF = 30A, Vr = 400V
2000
150
=175°C
=25°C
200
50
TJ
TJ
GIPG110720140846FSR
Figure 24. Reverse recovery charge vs. diode
current slope
Figure 25. Reverse recovery energy vs. diode
current slope
Qrr
0
di/dt(A/μs)
(nC)
0
500
1000
1500
1500
IF = 30A, Vr = 400V
2000
2000
=175°C
=25°C
1000
TJ
TJ
500
GIPG110720140854FSR
Err
0
di/dt(A/μs)
(μJ)
0
500
1000
600
1500
IF = 30A, Vr = 400V
2000
1000
=175°C
=25°C
200
TJ
TJ
400
800
GIPG110720140859FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com