Electronic Components Datasheet Search
  English  ▼

X  

STL60N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL60N10F7
Description  N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL60N10F7 Datasheet HTML 3Page - STMicroelectronics STL60N10F7 Datasheet HTML 4Page - STMicroelectronics STL60N10F7 Datasheet HTML 5Page - STMicroelectronics STL60N10F7 Datasheet HTML 6Page - STMicroelectronics STL60N10F7 Datasheet HTML 7Page - STMicroelectronics STL60N10F7 Datasheet HTML 8Page - STMicroelectronics STL60N10F7 Datasheet HTML 9Page - STMicroelectronics STL60N10F7 Datasheet HTML 10Page - STMicroelectronics STL60N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID024453 Rev 3
7/16
STL60N10F7
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics
Figure 12. Normalized VDS vs temperature
C
1000
100
0
0
20
VDS(V)
(pF)
Ciss
Coss
Crss
40
60
80
AM16114v1
VGS(th)
0.8
0.6
0.4
0.2
-75
TJ(°C)
(norm)
-50
1.2
75
25 50
100
ID=250µA
0
125 150
1
-25
AM16129v1
RDS(on)
1
0
TJ(°C)
(norm)
0.5
1.5
2
-75 -50
75
25 50
100
0
125 150
-25
ID=6A
VGS=10V
AM16130v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.2
0.3
0.4
0.5
TJ=-55°C
TJ=175°C
TJ=25°C
0.6
0.7
12
0.8
0.9
1
1.1
AM16131v1
VDS
TJ(°C)
(norm)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
ID=1mA
1.04
-75 -50
75
25 50
100
0
125 150
-25
AM16132v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com