Electronic Components Datasheet Search
  English  ▼

X  

STL60N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL60N10F7
Description  N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL60N10F7 Datasheet HTML 1Page - STMicroelectronics STL60N10F7 Datasheet HTML 2Page - STMicroelectronics STL60N10F7 Datasheet HTML 3Page - STMicroelectronics STL60N10F7 Datasheet HTML 4Page - STMicroelectronics STL60N10F7 Datasheet HTML 5Page - STMicroelectronics STL60N10F7 Datasheet HTML 6Page - STMicroelectronics STL60N10F7 Datasheet HTML 7Page - STMicroelectronics STL60N10F7 Datasheet HTML 8Page - STMicroelectronics STL60N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL60N10F7
4/16
DocID024453 Rev 3
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 1 mA
100
-
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 100 V
VDS = 100 V; TC=125 °C
-
1
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
-
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2.5
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 6 A
0.0145
0.018
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =50 V, f=1 MHz,
VGS=0
-1640
-
pF
Coss
Output capacitance
-
360
-
pF
Crss
Reverse transfer
capacitance
-25
-
pF
Qg
Total gate charge
VDD=50 V, ID = 12 A
VGS =10 V
Figure 14
-25
-
nC
Qgs
Gate-source charge
-
12
-
nC
Qgd
Gate-drain charge
-
5
-
nC
Qoss
Output charge
VDD=40 V, VGS=0V
-
28
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD=50 V, ID= 6 A,
RG=4.7 Ω, VGS= 10 V
Figure 13
-15
-
ns
tr
Rise time
-
17
-
ns
td(off)
Turn-off delay time
-
24
-
ns
tf
Fall time
-
8
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com