Electronic Components Datasheet Search
  English  ▼

X  

STL60N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL60N10F7
Description  N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL60N10F7 Datasheet HTML 1Page - STMicroelectronics STL60N10F7 Datasheet HTML 2Page - STMicroelectronics STL60N10F7 Datasheet HTML 3Page - STMicroelectronics STL60N10F7 Datasheet HTML 4Page - STMicroelectronics STL60N10F7 Datasheet HTML 5Page - STMicroelectronics STL60N10F7 Datasheet HTML 6Page - STMicroelectronics STL60N10F7 Datasheet HTML 7Page - STMicroelectronics STL60N10F7 Datasheet HTML 8Page - STMicroelectronics STL60N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2013
DocID024453 Rev 3
1/16
16
STL60N10F7
N-channel 100 V, 0.0145
Ω typ., 12 A, STripFET™ VII DeepGATE™
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Ultra low on-resistance
• 100% avalanche tested
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 7th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest RDS(on) in all packages.
PowerFLAT™ 5x6
1
2
3
4
Order code
VDS
RDS(on)
max
ID
PTOT
STL60N10F7
100 V
0.018
Ω 12 A
5 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STL60N10F7
60N10F7
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL60N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
February 2012 Rev 3
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
359Kb / 13P
N-channel 30 V - 0.0065 Ω - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
11-Dec-2007
More results

Similar Description - STL60N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
29-Apr-2014
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
July 2013 Rev 4
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com