Electronic Components Datasheet Search
  English  ▼

X  

STODD03PQR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STODD03PQR
Description  Monolithic 2-channel power management for high-definition ODD with integrated power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD03PQR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STODD03PQR Datasheet HTML 3Page - STMicroelectronics STODD03PQR Datasheet HTML 4Page - STMicroelectronics STODD03PQR Datasheet HTML 5Page - STMicroelectronics STODD03PQR Datasheet HTML 6Page - STMicroelectronics STODD03PQR Datasheet HTML 7Page - STMicroelectronics STODD03PQR Datasheet HTML 8Page - STMicroelectronics STODD03PQR Datasheet HTML 9Page - STMicroelectronics STODD03PQR Datasheet HTML 10Page - STMicroelectronics STODD03PQR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STODD03
Typical application
Doc ID 018980 Rev 1
7/16
4
Typical application
Figure 3.
Application circuit
FB2
L2
C5
V
OUT2
Step Down
Step Up
GND
SW1
Out1
FB1
VIN_A
EN1
VIN_P
EN SW
R1
R2
IN
L1
V
C1
C3
C2
C4
V
OUT1
EN SW
Power Switch
Power Switch
Control block
SW2
PSWOUT
VIN_PSW
3.3 V
6.5 V – 14 V
5 V
1,9,11
2
3
10
8
7
15
14
EN2
Step-up
control block
4
6
13
16
5
12
AM09306v1
Table 7.
List of external components (1)
Component
Value
Recommended part number
C1, C2, C3
10 µF
Murata, GRM21BR61A106KE19L
C4, C5
22 µF
Murata, GRM32ER61C226KE20L
L1
4.7 µH
Coilcraft, LPS6225-472MLB
L2
3.3 µH
Coilcraft, LPS4018-332MLB
R1, R2
33 k
Ω
, 3.3 kΩ
VOUT1 = 8.8 V
(2)
1.
The components listed above refer to a typical applications circuit. Operation of the STODD03 is not limited to the choice of
these external components. If a different solution is used, it is recommended to validate the suitability of the external
components by thoroughly testing the application on a PCB evaluation board.
2.
R1 and R2 are calculated according to the following formula:
R1 = R2 x [(VOUT1 / VFB1)- 1]. Resistors in the range of 1 k to 50 k are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com