Electronic Components Datasheet Search
  English  ▼

X  

STODD03PQR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STODD03PQR
Description  Monolithic 2-channel power management for high-definition ODD with integrated power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD03PQR Datasheet(HTML) 5 Page - STMicroelectronics

  STODD03PQR Datasheet HTML 1Page - STMicroelectronics STODD03PQR Datasheet HTML 2Page - STMicroelectronics STODD03PQR Datasheet HTML 3Page - STMicroelectronics STODD03PQR Datasheet HTML 4Page - STMicroelectronics STODD03PQR Datasheet HTML 5Page - STMicroelectronics STODD03PQR Datasheet HTML 6Page - STMicroelectronics STODD03PQR Datasheet HTML 7Page - STMicroelectronics STODD03PQR Datasheet HTML 8Page - STMicroelectronics STODD03PQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STODD03
Pin configuration
Doc ID 018980 Rev 1
5/16
3
Pin configuration
Figure 2.
Pin connections (top view)
Table 4.
Pin description
Pin number
Symbol
Function
1
GND_P1
Power ground pin (ch1)
2
FB1
Step-up feedback pin (ch1)
3VIN_A
Power supply for internal analog circuits
4
EN2
Step-down enable pin. Connect to VIN_A if not used.
5
PSWOUT
Power switch output pin. PSWOUT output current is not internally limited. Do not
exceed 1 A max.
6
VIN_PSW
Power switch input
7VIN_P
Power input voltage
8
SW2
Step-down switching pin (ch2)
9
GND_P2
Power ground (ch2)
10
FB2
Step-down feedback (ch2)
11
GND_A
Analog ground pin
12
OUT1
Step-up output voltage
13
EN-SW
Power switch enable pin active high (see Table 5)
14
SW1
Step-up switching pin (ch1)
15
EN1
Step-up enable pin. Step-up is enabled if EN1 > 1.2 V and EN-SW is set low (see
also Table 6: Step-up EN1 and EN-SW truth table). When the step-up is disabled, no
current will flow to the load thanks to the true-shutdown function.
16
EN-SW
Power switch Enable pin active low (see Table 5)
epad
Epad
Exposed pad to be connected to a suitable gnd layer area, through vias, for thermal
heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com