Electronic Components Datasheet Search
  English  ▼

X  

STODD03PQR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STODD03PQR
Description  Monolithic 2-channel power management for high-definition ODD with integrated power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD03PQR Datasheet(HTML) 4 Page - STMicroelectronics

  STODD03PQR Datasheet HTML 1Page - STMicroelectronics STODD03PQR Datasheet HTML 2Page - STMicroelectronics STODD03PQR Datasheet HTML 3Page - STMicroelectronics STODD03PQR Datasheet HTML 4Page - STMicroelectronics STODD03PQR Datasheet HTML 5Page - STMicroelectronics STODD03PQR Datasheet HTML 6Page - STMicroelectronics STODD03PQR Datasheet HTML 7Page - STMicroelectronics STODD03PQR Datasheet HTML 8Page - STMicroelectronics STODD03PQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute maximum ratings
STODD03
4/16
Doc ID 018980 Rev 1
2
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All values are referred to gnd.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_P
Power supply input voltage
-0.3 to 7
V
VIN_PSW
Power switch input voltage
-0.3 to 7
V
VIN_A
Analog supply input voltage
-0.3 to 7
V
ENXX
All enable pins voltage
-0.3 to VIN_A
V
SW1
Ch1 input switching pin
-0.3 to 16
V
SW2
Ch2 output switching pin
-0.3 to 7
V
PSWOUT
Power switch output pin
-0.3 to 7
V
ISW
Power switch max output current
1.2
A
OUT1
Ch1 output voltage pin
-0.3 to 16
V
FB1
Ch1 feedback voltage pin
-0.3 to 2.5
V
FB2
Ch2 feedback voltage pin
-0.3 to 5
V
TSTG
Storage temperature range
-50 to 150
°C
TOP
Operating junction temperature range
-25 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2.5
°C/W
RthJA
Thermal resistance junction-ambient
46
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com