Electronic Components Datasheet Search
  English  ▼

X  

STODD03PQR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STODD03PQR
Description  Monolithic 2-channel power management for high-definition ODD with integrated power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD03PQR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STODD03PQR Datasheet HTML 5Page - STMicroelectronics STODD03PQR Datasheet HTML 6Page - STMicroelectronics STODD03PQR Datasheet HTML 7Page - STMicroelectronics STODD03PQR Datasheet HTML 8Page - STMicroelectronics STODD03PQR Datasheet HTML 9Page - STMicroelectronics STODD03PQR Datasheet HTML 10Page - STMicroelectronics STODD03PQR Datasheet HTML 11Page - STMicroelectronics STODD03PQR Datasheet HTML 12Page - STMicroelectronics STODD03PQR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STODD03
Electrical characteristics
Doc ID 018980 Rev 1
9/16
Step-down section
FB2
Feedback voltage
TJ = 0 to 85 °C
3.23
3.3
3.37
V
IFB2
FB2 pin bias current
VFB2 = 3.5 V
15
20
µA
IOUT2
Output current (2) (3)
VIN = 4 to 6 V
700
mA
IOUT_MIN
Minimum output current
0
mA
ΔV
OUT2
Reference load regulation (2) 10 mA < IOUT2 < 0.5 A
5.5
15
mV
PWM fS
PWM switching frequency
1.2
MHz
%VOUT2/ΔVIN Reference line regulation
4 V < VIN < 6 V
0.032
%VOUT
/VIN
DMAX
Maximum duty cycle
VFB2 = 3.0 V
85
94
%
ISWL
Switching current limitation
1.5
A
ILKP2
PMOS leakage current
VFB2 = 3.5 V, VSW2 = GND,
TJ = 0 to 80 °C
0.1
µA
ILKN2
NMOS leakage current
VFB2 = 3.5 V, VSW2 = 5 V,
TJ = 0 to 80 °C
0.1
µA
RDSon-N
NMOS switch-on resistance
ISW = 250 mA
0.2
Ω
RDSon-P
PMOS switch-on resistance
ISW = 250 mA
0.3
Ω
ΔV
OUT2/
ΔI
OUT2
Load transient response (2)
100 mA < IOUT2 < 500 mA,
tR = tF => 100 ns, TJ = 25 °C
-5
+5
%VOUT
ν
Efficiency
VOUT = 3.3 V, IOUT = 100 mA
75
%
VOUT = 3.3 V, IOUT = 500 mA
85
VEN2_H
Enable threshold high
VIN = 4 to 6 V
1.2
V
VEN2_L
Enable threshold low
VIN = 4 to 6 V
0.4
IEN2
Enable pin current
VEN2 = VIN = 5 V
2
µA
Power switch section
RDSon-P
PMOS switch-on resistance
ISW = 250 mA
0.3
Ω
ISW
Switching operating current
1
A
ILKSW
Switching leakage current
EN_SW = EN_SW = H,
TJ = 0 to 80 °C
1µA
VIN_PSW
Input voltage range
4
6
V
VEN_SW_H
Enable pins threshold high
VIN = 4 to 6 V
1.2
V
VEN_SW_L
Enable pins threshold low
VIN = 4 to 6 V
0.4
IEN_SW
Enable pins current
VEN_SW = VIN = 5 V
2
µA
Table 8.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com